Part Number Hot Search : 
4749A MJ10004 74LV2 GBS304 2N5225 3N60E MP2361DK 11N80C
Product Description
Full Text Search
 

To Download TVX1E221MAD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100t t 1 v 2 x 3 1 4 a 5 3 6 3 7 1 8 m 9 a 10 d 11 configuration capacitance tolerance ( 20%) rated capacitance (330 f) rated voltage (10v) series name type please contact to us if other configurations are required. f d 5 ~ 8 pb-free leadwire pb-free pet sleeve sn-pb finished leadwire pvc sleeve (containing pb) ad aa 10 ~ 18 cd ca configuration f d pressure relief vent sealing rubber packing l + max 35 min 35 min ( f 10up) f d + 0.5max sleeve ( p.e.t. ) aluminum electrolytic capacitors vx (02 type) series standard, for general purposes - axial lead type axial lead type of standard series for general purposes. axial lead type type numbering system (example : 10v 330 f) category temperature range rated capacitance range capacitance tolerance leakage current leakage current tan d stability at low temperature endurance shelf life after leaving capacitors under no load at 85? for 1000 hours, they meet the characteristic requirements at right. printed with white color letter on black sleeve. marking performance characteristics item 40 ~ +85? (6.3 ~ 250v), 25 ~ +85? (315 ~ 450v) 0.47 ~ 10000f 6.3 ~ 450v 20% at 120hz, 20? rated voltage range specifications rated voltage (v) impedance rat io zt / z20 (max.) z25? / z+20? z40? / z+20? 6.3 4 10 10 3 8 16 2 6 25 2 4 35 ~ 100 2 3 160 ~ 250 4 12 315 350 6 400 450 15 measurement frequency : 120hz capacitance change leakage current tan d within 20% of initial value initial specified value or less 200% or less of initial specified value after 2000 hours' application of rated voltage at 85?, capacitors meet the characteristic requirements listed at right. rated voltage (v) 6.3 ~ 100 160 ~ 450 after 1 minute's application of rated voltage, not more than 0.03cv or 4 ( a) , whichever is greater. after 2 minutes' application of rated voltage, not more than 0.01cv or 3 ( a) , whichever is greater. in case of cv 1000 after 1 minute's application of rated voltage, not more than 0.1cv+40 ( a) . in case of cv > 1000 after 1 minute's application of rated voltage, not more than 0.04cv+100 ( a) . rated voltage (v) tan d (max.) 6.3 0.24 10 0.20 16 0.16 25 0.14 35 0.12 50 0.10 63 ~ 100 0.08 160 ~ 315 0.20 350 ~ 450 0.25 for capacitance of more than 1000 ? , add 0.02 for every increase of 1000 ? . measurement frequency : 120hz, temperature : 20 ? dimension table in next page. f d 5 ~ 13 16 ~ 18 f d 0.6 0.8 a ( f d < 10) 1 ( f d 10) 2 capacitance change leakage current tan d within 20% of initial value initial specified value or less 200% or less of initial specified value please refer to page 19, 20, 21 about the formed or taped product spec. please refer to page 3 for the minimum order quantity. (through 100v only) (mm)
cat.8100t aluminum electrolytic capacitors 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 vx (02 type) series dimensions r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 5 12 6.3 16 6.3 16 8 16 10 21 13 26 13 26 16 31.5 16 31.5 16 41.5 110 200 250 330 600 1020 1200 1500 1840 2260 6.3 v code 0j 6.3 12 6.3 16 8 16 8 16 10 21 13 26 13 31.5 16 31.5 16 41.5 18 41 130 210 300 350 640 1090 1390 1730 1930 2350 10 1a 5 12 6.3 16 8 16 8 16 8 20 10 26 13 31.5 16 31.5 16 41.5 18 41 85 160 260 320 430 770 1180 1620 1840 2310 16 1c 5 12 6.3 12 6.3 16 8 16 8 20 10 26 13 26 16 31.5 16 41.5 18 41 80 100 170 280 380 510 900 1480 1710 2170 25 1e 5 12 6.3 12 6.3 16 8 16 8 20 10 21 10 26 13 31.5 16 31.5 16 41.5 70 90 120 210 340 460 610 1060 1580 2050 35 1v 5 12 5 12 5 12 5 12 5 12 5 12 6.3 12 6.3 16 6.3 16 8 16 10 21 10 26 13 26 16 31.5 18 41 5 10 23 28 34 50 85 110 130 220 410 560 730 1260 1920 50 1h 5 12 6.3 12 6.3 16 8 16 8 20 10 26 13 26 13 31.5 16 31.5 55 90 120 160 260 480 650 840 1330 63 1j 5 12 5 12 5 12 5 12 5 12 6.3 12 8 16 8 16 8 20 10 26 13 26 13 31.5 16 31.5 10 18 28 34 40 60 120 150 190 340 560 750 970 100 2a f d l (mm) frequency coefficient of rated ripple current v frequency(hz) cap.(f) 6.3 ~ 100 160 ~ 450 0 ~ 47 100 ~ 470 1000 ~ 10000 1 ~ 100 120 1.00 1.00 1.00 1.00 300 1.35 1.23 1.10 1.25 1k 1.57 1.34 1.13 1.40 10k ~ 2.00 1.50 1.15 1.60 rated ripple (ma rms) at 85? 120hz 1 2.2 3.3 4.7 10 22 33 47 100 010 2r2 3r3 4r7 100 220 330 470 101 6.3 12 6.3 16 8 16 8 16 8 20 10 26 13 26 13 31.5 16 41.5 13 23 33 39 60 120 170 230 430 2c v 160 6.3 12 6.3 16 8 16 8 16 10 21 13 26 13 26 13 31.5 16 41.5 13 23 33 39 70 140 170 230 430 2d 200 6.3 16 8 16 8 16 8 20 10 21 13 26 13 31.5 16 31.5 16 41.5 14 27 33 45 70 140 190 260 430 2e 250 6.3 16 8 16 8 20 8 20 10 26 13 31.5 16 31.5 16 31.5 14 27 36 45 80 150 210 260 2f 315 6.3 16 8 16 8 20 10 21 13 26 13 31.5 16 31.5 16 41.5 12 24 32 46 85 140 190 260 2v 350 8 16 8 20 10 21 10 21 13 26 16 31.5 16 41.5 18 41 14 28 38 46 85 150 210 290 14 31 38 50 85 150 230 2g 400 8 16 10 21 10 21 10 26 13 26 16 31.5 18 41 case size 2w 450 code rated ripple cap.(f) cap.(f)


▲Up To Search▲   

 
Price & Availability of TVX1E221MAD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X